Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 173 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 173 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 169Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 170Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 171Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 172Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 176Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 177Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 662 page
background image
Computer Operating Properly (COP) Module
Power-On Reset (POR) and Computer Operating Properly (COP), Rev. 4
Freescale Semiconductor
7-5
For the digital power supply the POR trip point is:
This means, as long as the analog power supply is below 2.8V, the POR_3p3 will be high. When
the analog power supply exceeds 2.9V the POR_3p3 output will be low. Respectively, for the
digital power supply, when the digital power supply is below 1.62V the POR_1p8 output will be
high. When the digital power supply is above 1.7V the POR_1p8 output will be low.
7.5 Computer Operating Properly (COP) Module
The Computer Operating Properly (COP) module is used to help software recover from runaway
code. The COP is a free-running down counter, once enabled is designed to generate a Reset
upon reaching zero. Software must periodically service the COP in order to clear the counter and
prevent a reset.
7.5.1 COP Functional Description
When the COP is enabled, each positive edge of OSCCLK will cause the counter to decrement by
one. If the count reaches a value of $0000, then the COP_RST signal is asserted and the chip is
reset. In order for the CPU to show it is operating properly, it must perform a service routine prior
to the count reaching $0000. The service routine consists of writing $5555 followed by $AAAA
to COPCTR.
7.5.2 Time-Out Specifications
The COP uses a 16-bit counter, being clocked by the crystal oscillator clock prescaled by 128.
Table 7-1 presents the range of time-out values supported as a function of oscillator frequency.
For a crystal operating at 4MHz the clock to the COP counter will be 31.25KHz. The value of the
COPTO register can be programmed from 1 to 65535 giving a time-out period range from 32µsec
minimum to 2.1sec maximum.
Absolute Minimum
Nominal
Absolute Maximum
1.62V
1.66V
1.7V
Table 7-1. COP Time-out Ranges as a Function of Oscillator Frequency
CT
2 MHz
4MHz
$0000
64 µsec
32 µsec
$FFFF
4.2 sec
2.1 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com