Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 85Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 86Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 87Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 88Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 89Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 90Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 91Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 92Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
89
3.3 EEE CTRL REGISTER SUMMARY (Address Range 0x0100 ~ 0x0168)
Table 3-43 summarizes the EEE control registers.
3.3.1
EEE_CTRL
Address 0x0100
SFT&HW RST
Table 3-44 summarizes the EEE_CTRL Register.
Table 3-43.
EEE Control Register Summary
Name
Address
Reset
EEE CONTROL REGISTER
0x0100
HARD AND SOFT
PORT1 EEE VARIABLE REGISTER
0x0120~0x0128
HARD AND SOFT
PORT2 EEE VARIABLE REGISTER
0x0130~0x0018
HARD AND SOFT
PORT3 EEE VARIABLE REGISTER
0x0140~0x0148
HARD AND SOFT
PORT4 EEE VARIABLE REGISTER
0x0150~0x0158
HARD AND SOFT
PORT5 EEE VARIABLE REGISTER
0x0160~0x0168
HARD AND SOFT
Table 3-44.
EEE Control Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:14
R/O
0
RESERVED
13
R/W
0
RESERVED
12
R/W
0
LPI_EN_5
LPI enable for PORT5
11
R/W
0
RESERVED
10
R/W
0
LPI_EN_4
LPI enable for PORT4
9
R/W
0
RESERVED
8
R/W
0
LPI_EN_3
LPI enable for PORT3
7
R/W
0
RESERVED
6
R/W
0
LPI_EN_2
LPI enable for PORT2
5
R/W
0
RESERVED
4
R/W
0
LPI_EN_1
LPI enable for PORT1,
1: disable PHY sleep
0: enable PHY sleep
3
R/W
0
EEE_CPU_CHANGE_EN
1: CPU can set the resolved value
2
R/W
0
EEE_LLDP_TO_CPU_EN
1’b1: EEE LLDP packet to CPU
1’b0: EEE LLDP packet to deheader
1
R/W
0
EEE_EN
1: support LLDP autonegation PHY wake-up
time
0
R/O
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com