Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 31Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 32Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 33Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 34Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 35Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 36Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 37Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 38Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
35
2.7.7
Enhanced MAC Pattern
2.7.8
Enhanced MAC Pattern
Table 2-19.
Enhanced MAC Pattern
Byte
Name
Description
5:0
DA/SA
Destination or Source address. See byte 15 bit 1
8:6
SA_LOW3/DA_LOW3
10:9
STAG
[15:13] PRIORITY
[12] CFI
[11:0] VID/VID LOW
12:11
CTAG
[15:13] PRIORITY
[12] CFI
[11:0] VID/VID LOW
14:13
TYPE
15
[7] FRAME WITH STAG
MASK
1'b1: consider FRAME_WITH_STAG
1'b0: ignore FRAME_WITH_STAG
[6] FRAME_WITH_STAG 1'b1: frame with STAG
1'b0: frame without STAG
[5:2] RESERVED
[1] DA_SEL
1'b1: DA & SA[23:0]
1'b0: SA & DA[23:0]
[0] SVID MASK
1'b1:mask;1'b0:range
16
[7] RULE RESULT
INVERSE EN
[6:0] SOURCE PORT
Table 2-20.
Enhanced MAC Pattern Mask
Byte
Name
Description
5:0
DA/SA MASK
8:6
SA_LOW3/DA_LOW3
MASK
10:9
STAG [15:13] PRIORITY
MASK
[12] CFI MASK
[11:0] VID MASK
/VID HIGH
12:11
CTAG [15:13]
PRIORITY MASK
[12] CFI
[11:0] VIDMASK
/VID HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com