Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 38Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 39Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 40Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 41Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 42Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 43Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 44Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 45Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 394 page
background image
42 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
42 • June 2011
COMPANY CONFIDENTIAL
In these application cases, the ports work as:
In application case 1, all LAN ports can directly send frames to each other but not to the WAN port.
The CPU can send frames to all ports. A LAN port must go through the CPU port to send frames to the
WAN port. Similarly, the WAN port must also go through the CPU to send frames to LAN ports,.
Normally a firewall application runs in the CPU, causing traffic between the LANs and WAN to go
through the host CPU. Figure 2-2 shows application case 1.
In application case 2, the WAN port is isolated from other ports, so the switch is a five-port switch with
an independent PHY. Figure 2-3 shows application case 2.
Port Number
Description
Port 0
CPU Port
Port 1
LAN A
Port 2
Port 3
LANB
Port 4
Port 5
WAN Port
Figure 2-2.
Application Case 1
Figure 2-3.
Application Case 2
Port
3
Port
4
Port
0
LAN A
LAN B
LAN B
CPU
Port
5
WAN
Port
1
LAN A
Port
2
Port
3
Port
4
Port
0
LAN A
LAN B
LAN B
CPU MAC 1
Port
5
WAN
Port
1
LAN A
Port
2
CPU
MAC 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com