Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 93Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 94Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 95Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 96Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 97Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 98Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 99Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 100Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
97
3.4.2
NORMALIZE_CTRL1
Address 0x0204
SFT&HW RST
Table 3-62 summarizes the NORMALIZE_CTRL1 Register 1
Table 3-62.
Normalize Control Register 1
1
R/W
0
IP_VER_DROP_EN
1'b1: frame should be dropped if ipv4
header length less than 20 byte
0
R/W
0
VID_4095_DROP_EN
1'b1: frame should be drop if sip equal
to dip.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/W
0
IPV4_FRAG_MIN
23:21
R/0
0
RESERVED
20
R/W
0
INVALID_MAC_SRC_ADDR_DR
OP_EN
SA is broadcast or multicast address.
The frame will be dropped by the
switch.
19
R/W
0
IPV4_MIN_PKT_LEN_DROP_EN If the frame length is less than the min
IPv4 frame size.
18
R/W
0
IPV6_MIN_PKT_LEN_DROP_EN If the frame length is less than the min
IPv6 frame size
17
R/W
0
INVALID_SIP6_DROP_EN
Drop Invalid Source IP for IPv6
IP is ::1 or ff00::/8
16
R/W
0
INVALID_DIP6_DROP_EN
Drop Invalid Destination IP for IPv6
\ IP is ::1 or ::/128
15:12
R/W
0
TCP_HDR_MIN_SIZE
Defined the min size of TCP header
11
R/W
0
ICMP_CHECKSUM_DROP_EN
Drop the ICMP checksum error
10
R/W
0
ICMPV6_FRAG_DROP_EN
1'b1: frame with fragment ICMPV6
should be dropped.
9
R/W
0
ICMPV4_FRAG_DROP_EN
1'b1: frame with fragment ICMPV4
should be dropped.
8
R/W
0
ICMPV6_MAX_LEN_DROP_EN
1'b1: frame with un-fragment ICMPV6
length larger than ICMPV6_MAX_LEN
should be dropped.
7
R/W
0
ICMPV4_MAX_LEN_DROP_EN
1'b1: frame with un-fragment ICMPV4
length larger than ICMPV4_MAX_LEN
should be dropped.
6
R/W
0
UDP_CHECKSUM_DROP_EN
1'b1: frame with UDP checksum error
should be dropped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com