Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 41Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 42Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 43Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 44Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 45Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 46Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 47Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 48Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
45
2.13 Quality of Service (QoS)
The AR8327 supports six queues (MAC0, MAC5, and MAC6) or four queues (MAC1 ~ MAC4). This
egress queue schedule mechanism can be configured to one of the following modes:
The AR8327 recognizes the QoS information of ingress frames and map to different egress priority
levels. The AR8327 determines the priority of the frames based on DA, TOS/TC, VLAN, and port.
Each has an enable bit that can be applied. When more than one type of priority is selected, the order
in which the frame priority should be applied can be determined. Priority enable bits and select order
bits are set on a by port basis at the port’s base address.
When more than one priority enable bit is set to 1’b1. (DA_PRI_SEL, IP_PRI_SEL, VLAN_PRI_SEL)
can determine the order in which the frame priority should be applied. If *_PRI_SEL is set to 2’b0,
frame priority is determined by that first. Otherwise, priority is determined by which *_PRI_SEL is set
to 2’b01, then 2’b10, 2’b11, etc.
TxSingleCol
32bit
0x98
Total number of successfully transmitted frames that experienced
exactly one collision
TxExcDefer
32bit
0x9C
The number of frames that deferred for an excessive period of time
TxDefer
32bit
0xA0
Total frames whose transmission was delayed on its first attempt
because the medium way was busy
TXLateCol
32bit
0xA4
Total number of times a collision is detected later than 512 bit-times
into the transmission of a frame
Table 2-31.
Mode
Description
Strict Priority (SP)
Any packets residing in the higher priority queues transmit first. Lower priority
packets transmit once these queues are emptied.
Weighted Fair Queuing Each queue is assigned a weight that determines how many packets are sent from each
priority queue.
Mix Mode
The highest one or two priority queues use SP and other queues conform to WRR
Priority
Determined
Description
DA
Set DA_PRI_EN bit [18] to 1’b1 and add the address to the ARL table-set priority_over_en
to 1’b1. ARL priority bits [59:58] can be used as DA priority.
TOS/TC
Set IP_PRI_EN bit [16] to 1’b1, and set the IP priority mapping register 
(0x60–0x6C).
VLAN
Set VLAN_PRI_EN (bit [17]) to 1’b1, and set the TAG priority mapping register (0x70).
Table 2-30.
MIB Counters (continued)
Counter
Width
Offset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com