Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 37Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 38Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 39Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 40Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 41Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 42Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 43Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 44Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
41
2.10.9
VLAN Table
The AR8327 supports 4K VLAN membership table. It also supports the following commands to access
the VLAN table:
n Read one entry
n Use get next to read out whole table
n Loading and purging of an entry
n Flush all entries, flush all of one port's entries
Table 2-28 shows the VLAN table format.
2.11 Security and Port Mapping
The AR8327 supports 802.1Q security features. Its switch discards ingress frames that do not meet
security requirements and ensures those frames that do meet the requirements are sent to the
designated ports only. Levels of security can be set differently on each port, and options are processed
using the ingress frame’s VID:
Table 2-28.
VLAN Table
Bit
Name
Description
20
VALID
1:indicates entry is valid
0:indicates entry is empty
19
IVL_EN
1:indicates this vid is used to ivl
0:indicates this vid is used to svl, vid replaced by 0 when search mac
address.
18
LEARN_LOOKUP_DIS
1:indicates no learn and not use arl table DP calculate final DP, but use
uni flood DP as ARL DP to calculate DP
0:indicates normal operation about learn and final DP
17:4
EG_VLAN_MODE
5:4 for port0, 7:6 for port1 …17:16 for port6
2'b00: unmodified
2'b01: untagged
2'b10: tagged
2'b11: not member
3
PRI_ OVER_EN
Priority overwrite enable
0: keep the original VLAN priority
1: overwrite the VLAN priority with bits [2:0] of this entry
2:0
PRI
Used as frame's VLAN priority when the "PRI_OVER_EN" (bit [3]) is
set to 1.
Mode
Description
Secure
The frame is discarded if the frame’s VID is not in the VLAN table or the ingress port is not
a member of the VLAN.
The frame is allowed to exit only the ports that are members of the frame’s VLAN.
Check
The frame is discarded if the frame’s VID is not in the VLAN table.
The frame is allowed to exit only the ports that are members of the frame’s VLAN.
Fallback
If the frame’s VID is in the VLAN table, the frame can exit only ports that are members of
the frame’s VLAN. Otherwise the switch decides forwarding policy based on the port-based
VLAN. If a frame arrives untagged, the AR8327 forwards based on the port-based VLAN
even if the ingress port’s 802.1Q mode is enabled.
Disable
The AR8327 supports port-based egress, both unmodified and force untagged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com