Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 33Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 34Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 35Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 36Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 37Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 38Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 39Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 40Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
37
2.9 LED Control
There are totally 6 Led control rules. Three of them are used to control the LEDs of PHY 0 to PHY 3.
The others are used to control the LEDs of PHY4. Each port has 3 LEDs, the default behavior of the
LEDs are 1000_link_activity, 100_link_activity and 10_link_activity. The LED output is open-drain
output type. So two or three of them can be connected together to indicate OR operation of the original
LEDs. To achieve this operation, another way is to modify the LED control register. These LEDs also
can be individually configured on or off by register.
Each LED can be controlled by 16-bits shown in the following table.
Table 2-21.
LED Control
Bit
Name
Description
15:14
PATTERN_EN
2’b00: LED always off
2’b01: LED blinking at 4 Hz
2’b10: LED always on
2’b11: LED controlled by the following bits
13
FULL_LIGHT_EN
1’b1: LED will light when link up in full-duplex
12
HALF_LIGHT_EN
1’b1: LED will light when link up at half-duplex
11
POWER_ON_LIGHT_EN
1’b1: module should enter POWER_ON_RESET
status after reset.
10
LINK_1000M_LIGHT_EN
1’b1: LED will light when link up at 1000 Mbps
9
LINK_100M_LIGHT_EN
1’b1: LED will light when link up at 100 Mbps
8
LINK_10M_LIGHT_EN
1’b1: LED will light when link up at 10 Mbps
7
COL_BLINK_EN
1’b1: LED will blink when collision is detected
6
Reserved
Must be 1’b0
5
RX_BLINK_EN
1’b1: LED will blink when receiving frame
4
TX_BLINK_EN
1’b1: LED will blink when transmitting frame
3
Reserved
Must be 1’b0
2
LINKUP_OVER_EN
1’b1: RX/TX blinking should check with LINKUP
speed, LINKUP LED is ON, allow blinking.
Otherwise, OFF
1’b0: RX/TX blinking will ignore the LINKUP speed.
1:0
LED_BLINK_FREQ
LED blink frequency select
2’b00: 2 HZ
2’b01: 4 Hz
2’b10: 8 Hz
2’b11: if link up at 1000Mbps, 8 Hz
if link up at 100Mbps, use 4 Hz
if link up at 10 Mbps, use 2 Hz
Table 2-22.
LED Rule Default Value
Bit
Name
LED_RULE_0/1 LED_RULE_2/3 LED_RULE_4/5
Default Value
0xCC35
0xCA35
0xC935
15:14
PATTERN_EN
2’b11
2’b11
2’b11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com