Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 39Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 40Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 41Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 42Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 43Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 44Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 45Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 46Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
43
2.12 MIB/Statistics Counters
The statistics counter block maintains a set of
forty MIB counters per port. These counters
provide a set of Ethernet statistics for frames
received on ingress and transmitted on egress.
A register interface allows the CPU to capture,
read, or clear the counter values.
The counters support:
n RMON MIB
n Ethernet-like MIB
n MIB II
n Bridge MIB
n RFC2819
The CPU interface supports:
n Autocast MIB counters after half-full
n Autocast MIB counters after time out
n Autocast MIB counters when requested
n Clearing all MIB counters
Table 2-30 describes the statistics counter for
each port.
Table 2-29.
Application Cases 1 and 2
Member
Application Case 1
Application Case 2
Ports
Description
Ports
Description
Ports
Each port configured in 802.1Q secure mode Each port configured in 802.1Q secure mode
Ports
Create For
Ports
Create For
VLAN1
Port 0, 1, 2
Create for LAN A
Ports 0, 1, 2
LAN A
VLAN2
Ports 0, 3, 4
Create for LAN B
Ports 0, 3, 4
LAN B
VLAN3
Ports 0, 5
Create for WAN
Table 2-30.
MIB Counters
Counter
Width
Offset
Description
RxBroad
32bit
0x00
The number of good broadcast frames received
RxPause
32bit
0x04
The number of PAUSE frames received
RxMulti
32bit
0x08
The number of good multicast frames received
RxFcsErr
32bit
0x0c
The total number of frames received with a valid length, but an
invalid FCS and an integral number of octets
RxAllignErr
32bit
0x10
The total number of frames received with a valid length that do not
have an integral number of octets and an invalid FCS
RxUndersize 32bit
0x14
The number of frames received that are less than 64 bytes long and
have a good FCS
RxFragment 32bit
0x18
The number of frames received that are less than 64 bytes long and
have a bad FCS
Rx64Byte
32bit
0x1C
The number of frames received that are exactly 64 bytes long
including those with errors
Rx128Byte
32bit
0x20
The number of frames received whose length is between 65 and 127
bytes, including those with errors
Rx256Byte
32bit
0x24
The number of The number of frames received whose length is
between 128and 255 bytes, including those with errors
Rx512Byte
32bit
0x28
The number of frames received whose length is between 256 and
511 bytes, including those with errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com