Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 65Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 66Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 67Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 68Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 69Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 70Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 71Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 72Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
69
Table 3-14 summarizes the MIB Function Register 1.
3.2.12
INTERFACE_HIGH_ADDR
Address 0x0038
HW RST
Table 3-15 summarizes the INTERFACE_HIGH_ADDR Register.
Table 3-14.
MIB Function Register 1
Bit
R/W
Inital
Value
Mnemonic
Description
31:27
R/O
0
RESERVED
26:24
R/W
0
MIB_FUNC
3'b000: no operation;
3'b001: flush all counters for all ports;
3'b010: reserved for future.
3'b011: capture all counters for all ports
and auto-cast to cpu port;
3'b1xx:reserved for future.
23:21
R/O
0
RESERVED
20
R/W
0
MIB_CPU_KEEP
1’b1: Does not clear MIB counter after
it has been read.
1’b0: clear MIB counter to zero after
read
19:18
R/O
0
RESERVED
17
R/W SC
0
MIB_BUSY
1'b1: mib module is busy now, and
can't access another new command.
1'b0: mib module is empty now, and
can access new command.
16
R/W
1’b0
MIB_AT_HALF_EN
MIB auto-cast enable due to half flow.
If this bit is set to 1'b1, MIB would be
auto-cast when any counter's highest
bit count to 1'b1.
15:0
R/W
15’h0
MIB_TIMER
MIB auto-cast timer. If these bits are set
to zero, MIB won't auto-cast due to
timer time out. The time is times of
8.4ms, recommended value is 'h100.
Table 3-15.
MInterface High Address Register
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
SPI_SPEED
1'b1: fast speed for test
1'b0: normal operation mode
30:28
R/W
0
RESERVED
27:24
R/W
0Xf
RELOAD_TIMER
Reload EEPROM timer.
If the EEPROM can't be read out, EEPROM
should be reload when the timer done. It's
times 8ms. If these bits are set to zero,
needn't reload EEPROM.
23:20
R/W
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com