Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 14Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 15Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 16Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 17Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 18Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 19Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 20Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 21Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 394 page
background image
18 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
18 • June 2011
COMPANY CONFIDENTIAL
RXD0_1
A55
I/O, PD
RGMII receive data or configuration. These are output signals
sourced from either PHY4. All the data bits RXD[7:0]_1 are
used in GMII mode. The RXD[3:0]_1 are used as data input
when operating in RGMII mode. The reference clock for these
output signals will be:
RXCLK_1 (pin B47): RGMII/MII PHY type interface and GMII
MAC type interface.
RXD1_1
B48
I/O, PD
RXD2_1
B49
I/O, PD
RXD3_1
A57
I/O, PU
RXDV_1/RXCTR_1
A54
I/O, PU
RGMII receive data valid. This is output signal for either or
PHY4.
TXEN/TXCTR_1
A58
I, PD
RGMII transmit enable, this is an input signal for PHY4.
TXD0_1
A59
I, PD
RGMII transmit data, these are input signals for either PHY4.
All the data bits TXD[7:0]_1 are used in GMII mode. The
TXD[3:0]_1 are used as data input when operating in RGMII
mode. The reference clock for these input signals:
GTXCLK_1 (pin B51): RGMII PHY type interface
TXD1_1
B52
I, PD
TXD2_1
A60
I, PD
TXD3_1
B53
I, PD
LED
LED_LINK10n_0
A79
O, D
LED_LINK10n[4:0]
Parallel LED output for 10 Base-T link/speed/activity, active
low.
The LED inactive state can be open-drain or driving high
output, depending upon the power-on strapping setup. The
LED behaviour can be configurable, see the LED Control
Registers 0x0050 ~ 0x005C. 10n offset is 0x0058
LED_LINK10n_1
B70
O, D
LED_LINK10n_2
A82
O, D
LED_LINK10n_3
A84
O, D
LED_LINK10n_4
A49
O, D
LED_LINK100n_0
B69
O, D
LED_LINK100n[4:0]
Parallel LED output for 100 Base-T link/speed/activity, active
low.
The LED inactive state can be open-drain or driving high
output, depending on the power-on strapping. The LED
behaviour can be configured, see the LED Control Registers
0x0050 ~ 0x005C. 100n offset is 0x0054
LED_LINK100n_1
A81
O, D
LED_LINK100n_2
B72
O, D
LED_LINK100n_3
B74
O, D
LED_LINK100n_4
B42
O, D
LED_LINK1000n_0
A80
O, D
LED_LINK1000n[4:0]
Parallel LED output for 1000 Base-T link/speed/activity, active
low. The LED inactive state can be open-drain or driving high
output, depending upon the power-on strapping setup. The
LED behaviour can be configured, see the LED Control
Registers 0x0050 ~ 0x005C. 1000n offset is 0x0050
LED_LINK1000n_1
B71
O, D
LED_LINK1000n_2
A83
O, D
LED_LINK1000n_3
A85
O, D
LED_LINK1000n_4
A50
O, D
UART/MDIO and SPI EEPROM
SPI_CLK
B45
I/O, PD
SPI Clock or configuration
SPI_CS
A52
I/O, PD
SPI Chip select configuration
SPI_DI
A51
I, PD
SPI Data input
SPI_DO
B44
I/O, PU
SPI Data out or configuration
UART_RXD/MDC
B55
I, PU
Management data clock reference
UART_TXD/MDIO
A62
I/O
Management data
Serdes Interface
SOP
B66
OA
Serdes differential output pair
Table 1-1.
Signal to Pin Relationships and Descriptions (continued)
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com