Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 47Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 48Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 49Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 50Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 51Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 52Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 53Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 54Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
51
The lookup field will depend on the direction of the frame. For the SNAT, the SP, SIP, protocol in the
frame will be used to match the corresponding field in the table. While doing DNAT, the DP, DIP, and
protocol in the frame are used.
2.19.2
NAPT Entry
There are 1024 entries in the NAPT table. Each entry is 112 bits wide. The detail format is shown in
Table 2-35.
73:72
ACTION
2'b00:Mirror
2'b01:Redirect
2'b10:Copy
2'b11:forward
71
CNT EN
1'b1: counter should be add one, counter number selected by CNT
INDEX
70:68
CNT INDEX
Counter index to select entry match.
67:56
PRIVATE IP
12bits private IP.
The private IP is constructed under the control bit
PRIVATE_IP_BASE_SEL
1'b1: these 12 bits are the private IP bit [19:16] and [7:0].
1'b0: these 12 bits are the private IP bit [11:0].
When do SNAT, compare with frame SIP
When do DNAT, used to change frame DIP
55:48
RANGE
Port number range.
port number start<= port number < port number start+range
47:32
PORT NUM START
Port number start value
When do SNAT, compare to frame SP.
When do DNAT, compare to frame DP.
31:0
SIP
Router SIP.
When do SNAT, used to change frame SIP.
When do DNAT, compare with frame DIP
Table 2-35.
NAPT Entry Table
Bit
Name
Description
111:108
AGING FLAG
15: static
14~1: dynamic
0:entry invalid
107:104
RESERVED
103
CNT EN
1'b1: the frame matched to this entry should be added to counter selected
by CNT INDEX.
102:100
CNT INDEX
Counter index to select counter
99:98
PROTOCOL
2'b00: TCP
2'b01: UDP
2'b10: Reserved
2'b11: GRE
Table 2-34.
Basic NAT Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com