Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 30Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 31Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 32Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 33Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 34Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 35Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 36Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 37Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 394 page
background image
34 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
34 • June 2011
COMPANY CONFIDENTIAL
2.7.6
Window Pattern
11:10
TCP/UDP
DESTINATION PORT/
TCP/UDP
DESTINATION PORT
HIGH
13:12
TCP/UDP SOURCE
PORT/
TCP/UDP SOURCE
PORT HIGH
Or ICMP TYPE CODE
MASK
14
[7] FORWARD TYPE
MASK
[6] DHCPV6 MASK
[5] RESERVED
[4:2] RESERVED
[1] TCP/UDP
DESTINATION MASK
1'b1: mask; 1'b0: range
[0] TCP/UDP SOURCE
MASK
1'b1: mask; 1'b0: range
15
[7:6] RESERVED
[5:0] TCP FLAGS MASK
16
[7:6] RULE VALID
2'b00:start; 2'b01:continue; 2'b10:end; 2'b11:start&end
[5:3] RESERVED
[2:0] RULE TYPE
These three bits must be 3'b101 to indicate the IPv6 Rule 3.
Table 2-16.
IPv6 Mask — Mask 3
Table 2-17.
Window Pattern
Byte
Name
Description
15:0
DATA
16
[7] RULE RESULT
INVERSE EN
[6:0] SOURCE PORT
Table 2-18.
Window Pattern Mask
Byte
Name
Description
15:0
DATA MASK
16
[7:6] RULE VALID
2'b00:start; 2'b01:continue; 2'b10:end; 2'b11:start&end
[2:0] RULE TYPE
These three bits must be 3'b110 to indicate the Window Rule.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com