Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 34Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 35Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 36Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 37Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 38Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 39Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 40Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 41Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 394 page
background image
38 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
38 • June 2011
COMPANY CONFIDENTIAL
2.10 VLANs
The AR8327 switch supports many VLAN options including IEEE 802.1Q and port-based VLANs. The
AR8327 supports 4096 IEEE 802.1Q VLAN groups and 4K VLAN table entries, and the AR8327 device
checks VLAN port membership from the VLAN ID, extracted from the tag header of the frame. Table
2-18 shows the AR8327-supported 802.1Q modes. The port-based VLAN is enabled according to the
user-defined PORT VID value. The AR8327 supports optional discards of tagged, untagged frames,
and priority tagged frames. The AR8327 also supports untagging of the VLAN ID for packets going
out on untagged ports on a per-port basis.
The AR8327 also support double Tagging frame which is S-Tag and C-Tag. The AR8327 can lookup the
4K VLAN table by S-Tag or C-Tag depending on the configuration mode. There are also 64 entry in
VLAN translation table supporting the VLAN operation.
2.10.1
Port-Based VLAN
The AR8327 switch supports port-based VLAN functionality used for non-management frames when
802.1Q is disabled on the ingress port. When FORCE_PORT_VLAN_EN is enabled, non-management
frames conform to port-based configurations even if 802.1Q is enabled on the ingress port. Each
ingress port contains a register that restricts the output (or egress) ports to which it can to send frames.
This port-based VLAN register has a field called PORT_VID_MEM that contains the port based
setting. If bit 0 of a port's PORT_VID_MEM is set to a one, the port is allowed to send frames to Port 0,
bit [2] for Port 2, and so on. At reset, the PORT_VID_MEM for each port is set to a value of all 1s,
except for each port's own bit, which clears to zero. Note that the CPU port is port 0.
2.10.2
802.1Q VLANs
The AR8327 supports a maximum of 4096 entries in the VLAN table. The device supports 4096 VLAN
ID range from 0 to 4095. The AR8327 supports both shared and independent VLAN learning (SVL and
IVL). This means that forwarding decisions are based on the frame's destination MAC address, which
should be unique among all VLANs.
2.10.3
VLAN Security
The AR8327 will check the ingress packets base on the VLAN operation mode and decide forward or
drop the packets. There are two sets of configuration. One is the Ingress VLAN Mode. Another is
802.1Q Mode. The Ingress VLAN Mode is checking the ingress frame is tagging or not. The 802.1Q
13
FULL_LIGHT_EN
1’b0
1’b0
1’b0
12
HALF_LIGHT_EN
1’b0
1’b0
1’b0
11
POWER_ON_LIGHT_EN
1’b1
1’b1
1’b1
10
LINK_1000M_LIGHT_EN
1’b1
1’b0
1’b0
9
LINK_100M_LIGHT_EN
1’b0
1’b1
1’b0
8
LINK_10M_LIGHT_EN
1’b0
1’b0
1’b1
7
COL_BLINK_EN
1’b0
1’b0
1’b0
6
Reserved
1’b0
1’b0
1’b0
5
RX_BLINK_EN
1’b1
1’b1
1’b1
4
TX_BLINK_EN
1’b1
1’b1
1’b1
3
Reserved
1’b0
1’b0
1’b0
2
LINKUP_OVER_EN
1’b1
1’b1
1’b1
1:0
LED_BLINK_RFREQ
1’b01: 4Hz
1’b01: 4Hz
1’b01: 4Hz
Table 2-22.
LED Rule Default Value (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com