Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 69Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 70Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 71Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 72Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 73Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 74Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 75Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 76Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
73
Table 3-21 summerizes LED_CTRL1 Register 1.
3.2.19
LED_CTRL2
Address 0x0058
HW RST
Table 3-22 Summerizes LED_CTRL2 Register 2.
3.2.20
LED_CTRL3
Address 0x005C
HW RST
Table 3-23 summarizes the LED_CTRL3 Register 3.
Table 3-21.
LED Control Register 1
Bit
R/W
Inital
Value
Mnemonic
Description
31:16
R/W
0xCA35
LED_CTRL_RULE_3
PHY4 LED1 control rule
15:0
R/W
0xCA35
LED_CTRL_RULE_2
PHY0 ~PHY3 LED1 control rule
Table 3-22.
LED Control Register 2
Bit
R/W
Inital
Value
Mnemonic
Description
31:16
R/W
16’hC935
LED_CTRL_RULE_5
PHY4 LED2 control rule
15:0
R/W
16'hC935
LED_CTRL_RULE_4
PHY0 ~ PHY3 LED2 control rule
Table 3-23.
LED Control Register 3
Bit
R/W
Inital
Value
Mnemonic
Description
31:26
R/W
0
RESERVED
25:24
R/W
2’b11
LED_PATTERN_EN_32
Pattern enable for port3 LED2
23:22
R/W
2’b11
LED_PATTERN_EN_31
Pattern enable for port3 LED1
21:20
R/W
2’b11
LED_PATTERN_EN_30
Pattern enable for port3 LED0
19:18
R/W
2’b11
LED_PATTERN_EN_22
Pattern enable for port2 LED2
17:16
R/W
2’b11
LED_PATTERN_EN_21
Pattern enable for port2 LED1
15:14
R/W
2’b11
LED_PATTERN_EN_20
Pattern enable for port2 LED0
13:12
R/W
2’b11
LED_PATTERN_EN_12
Pattern enable for port1 LED2
11:10
R/W
2’b11
LED_PATTERN_EN_11
Pattern enable for port1 LED1
9:8
R/W
2’b11
LED_PATTERN_EN_10
Pattern enable for port1 LED0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com