Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 70Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 71Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 72Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 73Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 74Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 75Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 76Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 77Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 394 page
background image
74 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
74 • June 2011
COMPANY CONFIDENTIAL
3.2.21
GOL_MAC_ADDR0
Address 0x0060
SFT&HW RST
Table 3-24 summarizes the GOL_MAC_ADDR0 Address 0 Register.
3.2.22
GOL_MAC_ADDR1
Address 0x0064
SFT&HW RST
Table 3-25 summarizes the GOL_MAC_ADDR1 Address 1 Register.
3.2.23
MAX_FRAME_SIZE
Address 0x0078
7:2
R/O
0
RESERVED
1:0
R/W
2’b11
BLINK_HIGH_TIME
When led blinking, these bits
determine led light time.
2'b00: 50% of blinking period. 250ms
for 2Hz, 125ms for 4Hz, 62.5ms for
8Hz.
2'b01: 12.5%
2'b10: 25%
2'b11: 75%
Table 3-23.
LED Control Register 3
Bit
R/W
Inital
Value
Mnemonic
Description
Table 3-24.
Global MAC Address 0 Register
Bit
R/O
Inital
Value
Mnemonic
Description
31:16
R/W
0
RESERVED
15:8
R/W
0
MAC_ADDR_BYTE4
Station address of switch, used as source address
in pause frame or other management frames.
7:0
R/W
0x01
MAC_ADDR_BYTE5
Table 3-25.
Global MAC Address 1 Register
Bit
R/O
Inital
Value
Mnemonic
Description
31:24
R/W
0
MAC_ADDR_BYTE0
23:16
R/W
0
MAC_ADDR_BYTE1
15:8
R/W
0
MAC_ADDR_BYTE2
7:0
R/W
0
MAC_ADDR_BYTE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com