Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 7Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 8Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 9Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 10Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 11Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 12Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 13Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 14Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
11
Revision History
Table 0-1.
AR8161-A Revision History
Date
Revision Details
Revision
2011/2/24
First draft
0.31
2011/6/10
General
n Typo and grammar corrections
n Reference corrections
Pin Description
n Update drawing to re-organize inner(B) and outer (A) pins
n Table 1-1: change A54 pin type to I/O, PU
Function Descriptions
n Table 2-34 and 2-35: change PRIVATE_IP_ADDR_MODE to
PRIVATE_IP_BASE_SEL
n 2.7.2 Action Definition: add description
n 2.21 Memory Map: update memory map
Registers
n 3.2.2 PORT0 PAD MODE CTRL, update bit[18] bit[19] definitions
n 3.2.3 PORT5 PAD MODE CTRL (0x0008): add description for bit[10]
n 3.2.5 PWS_REG (0x0010): update bit definitions
n 3.5.22 to 3.5.24 IPv6 Private Base Address Register 0-2: new registers
n 3.8.12 to 3.8.14 Router Default VID Register 0-2: new registers
n 3.8.16 Router Egress VLAN Mode (0x0C80): new register
n 3.10.24 Debug Port 2 (0xIE): change decimal address to “0d30“
n 3.10.25 Debug Register—Analog Test Control (0x00): new register
n 3.10.26 Debug Register—System Mode Control (0x03): new register
n 3.10.28 Debug Register—Hib Control and Auto Negotiation Test Register
(0x0B): new register
n 3.10.30 Debug Register—Green Feature Configure Register (0x3D): new
register
n 3.13 MMD7—Auto-negotiation Register: update bit definitions
n 3.13.3 to 3.13.7: update decimal address
n 4.6 Typical Power Consumption Parameters: update “two ports active” and
“three ports active“ values
Package Dimensions
n Update package illustration
Ordering
n Update ordering method for tape&reel and tray
Top Side Marking
n Add package top marking illustration
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com