Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 72Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 73Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 74Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 75Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 76Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 77Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 78Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 79Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 394 page
background image
76 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
76 • June 2011
COMPANY CONFIDENTIAL
3.2.25
PORT1_STATUS
Address 0x0080
SFT&HW RST
Table 3-28 summarizes the PORT1_STATUS Register.
8
R/O
0
LINK_0
Link status
1'b1: phy link up.
1'b0: phy link down.
7
R/W
0
TX_HALF_FLOW_EN_0
1'b1: transmit flow control enable in half-
duplex mode.
6
R/W
0
DUPLEX_MODE_0
Duplex Mode.
1'b1: full-duplex mode;
1'b0: half-duplex mode.
5
R/W
0
RX_FLOW_EN_0
Rxmac Flow Control Enable.
4
R/W
0
TX_FLOW_EN_0
Txmac Flow Control Enable.
3
R/O
0
RXMAC_EN_0
Rxmac Enable.
2
R/W
0
TXMAC_EN_0
Txmac Enable.
1:0
R/W
0
SPEED_0
Speed mode.
2'b00: 10M
2'b01: 100M
2'b10: 1000M
2'b11: error speed mode
Table 3-27.
Port 0 Status Register
Bit
R/W
Inital
Value
Mnemonic
Description
Table 3-28.
Port 1 Status Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:13
R/O
0
RESERVED
12
R/W
0
FLOW_LINK_EN_1
Phy link mode enable.
1'b1: enable mac flow control config auto-neg
with phy
1'b0: mac can be config by software
11
R/O
0
AUTO_RX_FLOW_EN_1
Transmit flow control enable after auto-neg.
10
R/O
0
AUTO_TX_FLOW_EN_1
Transmit flow control enable after auto-neg.
9
R/W
0
LINK_EN_1
Phy link mode enable.
1'b1: enable mac auto-neg with phy
1'b0: mac can be config by software
8R/O
0
LINK_1
Link status
1'b1: phy link up.
1'b0: phy link down.
7
R/W
0
TX_HALF_FLOW_EN_1
1'b1: transmit flow control enable in half-
duplex mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com