Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 40Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 41Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 42Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 43Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 44Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 45Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 46Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 47Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 394 page
background image
44 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
44 • June 2011
COMPANY CONFIDENTIAL
Rx1024Byte
32bit
0x2C
The number of frames received whose length is between 512 and
1023 bytes, including those with errors
Rx1518Byte
32bit
0x30
The number of frames received whose length is between 1024 and
1518 bytes, including those with errors
RxMaxByte
32bit
0x34
The number of frames received whose length is between 1519 and
maxlength, including those with errors (Jumbo)
RxTooLong
32bit
0x38
The number of frames received whose length exceeds maxlength
including those with FCS errors
RxGoodByte 64bit
0x3C:0x40
Total data octets received in a frame with a valid FCS. All frame
sizes are included.
RXBadByte
64bit
0x44:0x48
Total data octets received in frame with and invalid FCS. All frame
sizes are included. Pause frame is included with a valid FCS
RxOverFlow 32bit
0x4C
Total valid frames received that are discarded due to lack of buffer
space
Filtered
32bit
0x50
Port disabled and unknown VID
TxBroad
32bit
0x54
Total good frames transmitted with a broadcast Destination
address
TxPause
32bit
0x58
Total good PAUSE frames transmitted
TxMulti
32bit
0x5C
Total good frames transmitted with a multicast Destination address
TxUnderRun 32bit
0x60
Total valid frames discarded that were not transmitted due to
transmit FIFO buffer underflow
Tx64Byte
32bit
0x64
Total frames transmitted with a length of exactly 64 bytes,
including errors
Tx128Byte
32bit
0x68
Total frames transmitted with a length between 65 and 127 bytes,
including those with errors
Tx256Byte
32bit
0x6C
Total frames truncated with a length between 128 and 255 bytes,
including those with errors
Tx512Byte
32bit
0x70
Total frames truncated with a length between 256 and 511 bytes,
including those with errors
Tx1024Byte
32bit
0x74
Total frames truncated with a length between 512 and 1023 bytes,
including those with errors
Tx1518Byte
32bit
0x78
Total frames transmitted with length between 1024 and 1518,
including those with errors (Jumbo)
TxMaxByte
32bit
0x7C
Total frames transmitted with length between 1519 and Maxlength,
including those with errors (Jumbo)
TxOverSize
32bit
0x80
Total frames over Maxlength but transmitted truncated with bad
FCS
TxByte
64bit
0x84:0x88
Total data octets transmitted from counted, including those with a
bad FCS
TxCollision
32bit
0x8C
Total collisions experienced by a port during packet transmission
TxAbortCol
32bit
0x90
Total number of frames not transmitted because the frame
experienced 16 transmission attempts and was discarded
TxMultiCol
32bit
0x94
Total number of successfully transmitted frames that experienced
more than one collision
Table 2-30.
MIB Counters (continued)
Counter
Width
Offset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com