Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 71Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 72Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 73Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 74Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 75Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 76Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 77Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 78Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
75
SFT&HW RST
Table 3-26 summarizes the MAX_FRAME_SIZE Register.
3.2.24
PORT0_STATUS
Address 0x007C
SFT&HW RST
Table 3-27 summarizes the PORT0_STATUS Register.
Table 3-26.
Max Frame Size Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:21
R/O
0
RESERVED
20
R/W
0
TEST_PAUSE
Test for mac send out pause frames.
Mac will send out pause on frame on posedge of
this signal and pause off frame on negedge.
19
R/W
0
IPG_DEC_EN
1'b1: mac will decrease two bytes of IPG when
send out frame and receive check.
1'b0: normal IPG 96 bit time
18
R/O
0
RESERVED
17
R/O
0
RESERVED
16
R/W
0
MAC_CRC_RESERVE_
EN
1'b0`: mac will remove 4 byte crc when received
frame, and add crc when transmit out frame;
1'b1`: mac won't remove 4 byte crc when received
frame, and won't add crc when transmit out
frame.
15:14
R/O
0
RESERVED
13:0
R/W
‘H5EE
MAX_FRAME_SIZE
Max frame size can be received and transmitted
by mac. If a packet's size larger than
MAX_FRAME_SIZE, it should be droped by mac.
The value is for normal packet, it should be
added 4 by mac if support VLAN, added 8 for
double VLAN, and added 2 for Atheros header.
Table 3-27.
Port 0 Status Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:13
R/O
0
RESERVED
12
R/W
0
FLOW_LINK_EN_0
Phy link mode enable.
1'b1: enable mac flow control config auto-neg
with phy
1'b0: mac can be config by software
11
R/O
0
AUTO_RX_FLOW_EN_0
Transmit flow control enable after auto-neg.
10
R/O
0
AUTO_TX_FLOW_EN_0
Transmit flow control enable after auto-neg.
9
R/W
0
LINK_EN_0
Phy link mode enable.
1'b1: enable mac auto-neg with phy
1'b0: mac can be config by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com