Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 101 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 101 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 97Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 98Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 99Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 100Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 101Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 102Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 103Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 104Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 105Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
101
3.4.6
WIN_RULE_CTRL0
Address 0x0218
SFT&HW RST
Table 3-66 summarizes the WIN_RULE_CTRL0 Register 0
Table 3-66.
Window Rule Control Register 0
3.4.7
WIN_RULE_CTRL1
Address 0x021C
SFT&HW RST
Table 3-67 summarizes the WIN_RULE_CTRL1 Register 1
4
R/W
0
DHCP_EN_4
1'b1: acknowledge DHCP frame enable
1'b0: don't acknowledge DHCP frame
3
R/O
0
EAPOL_EN_4
1'b1: hardware acknowledge 802.1x frame, and
send frame copy or redirect to cpu controlled by
"EAPAL_REDIRECT_EN"
2
R/W
0
IGMP_LEAVE_EN_4
1'b1: enable IGMP/MLD hardware fast leave.
1
R/W
0
IGMP_JOIN_EN_4
1'b1: enable IGMP/MLD hardware join.
0
R/W
0
IGMP_MLD_EN_4
IGMP/MLD snooping enable. If this bit is set to
1'b1, the port will examine all received frames
and copy or redirect to cpu port controlled by
IGMP_COPY_EN.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:28
R/O
0
RESERVED
27:24
R/W
0
L4_LENGTH_0
These bit indicate that window rule in port0 to
select length of L4, from L4_OFFSET_0.
23:20
R/W
0
L3_LENGTH_0
These bit indicate that window rule in port0 to
select length of L3, from L3_OFFSET_0.
19:16
R/W
0
L2_LENGTH_0
These bit indicate that window rule in port0 to
select length of L2, from L2_OFFSET_0.
15
R/W
0
RESERVED
14:10
R/W
0
L4_OFFSET_0
These bit indicate that window rule in port0 to
select offset of L3, from TCP/UDP header.
9:5
R/W
0
L3_OFFSET_0
These bit indicate that window rule in port0 to
select offset of L3, from IP header.
4:0
R/W
0
L2_OFFSET_0
These bit indicate that window rule in port0 to
select offset of L2, from MAC DA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com