Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 111 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 111 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 107Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 108Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 109Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 110Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 111Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 112Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 113Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 114Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 115Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
111
Table 3-86.
ACL Function Register 4
3.5.6
ACL_FUNC5
Address 0x0414
SFT&HW RST
Table 3-87 summarizes the ACL_FUNC5 Register 5
Table 3-87.
ACL Function Register 5
3.5.7
PRIVATE_IP_CTRL
Address 0x0418
SFT&HW RST
Table 3-88 summarizes the PRIVATE_IP_CTRL Register
Table 3-88.
Private Control Register
3.5.8
PORT0_VLAN_CTRL0
Address 0x0420
SFT&HW RST
Bit
R/W
Inital
Value
Mnemonic
Description
31:0
R/W
W
0
ACL_RULE_DATA_3
The ACL rule: byte [15:12]
Bit
R/W
Inital
Value
Mnemonic
Description
31:8
R/W
0
RESERVED
7:0
R/W
0
ACL_RULE_DATA_4
The ACL rule: byte [16]
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W
0
RESERVED
30
R/O
0
RESERVED
29
R/O
0
RESERVED
28
R/W
0
PRIVATE_IP_BASE_SEL
1'b1:{ip[31:20],ip[15:8]}
1'b0: ip[31:12]
27:20
R/O
0
RESERVED
19:0
R/W
2’hC0A80
PRIVATE_IP_BASE_ADDR
Private ip base address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com