Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 139 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 139 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 135Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 136Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 137Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 138Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 139Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 140Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 141Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 142Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 143Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
139
3.6.20
LOOP_CHECK_RESULT
Address 0x0654
SFT&HW RST
Table 3-126 summarizes the LOOP_CHECK_RESULT Register
Table 3-126.
LOOP CHECK RESULT Register
3.6.21
PORT0_LOOKUP_CTRL
Address 0x0660
SFT&HW RST
Table 3-127 summarizes the PORT0_LOOKUP_CTRL Register
Table 3-127.
Port 0 Lookup Control Register
11:8
R/W
2
VLAN_MAP_0X2
See bit 3:0 of VLAN_PRI_MAP_REG0
7:4
R/W
1
VLAN_MAP_0X1
See bit 3:0 of VLAN_PRI_MAP_REG0
3:0
R/W
0
VLAN_MAP_0X0
3: DEI
2:0 PRIORITY
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:8
R/O
0
RESERVED
7:4
R/O
0
PORT_NUM_NEW
When hardware checked loop occur,
these bits indicate MAC address new
port num.
3:0
R/O
0
PORT_NUM_OLD
When hardware checked loop occur,
these bits indicate MAC address old
port num.
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W
0
MULTICAST_DROP_EN_0
1'b1: Drop the multicast Packet from
this port. Don't drop IGMP/MLD join/
leave and Special DIP packet.
30:29
R/O
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com