Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 180 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 180 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 176Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 177Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 178Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 179Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 180Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 181Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 182Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 183Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 184Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 394 page
background image
180 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
180 • June 2011
COMPANY CONFIDENTIAL
3.7.1
GLOBAL_FLOW_THD
0x0800
SFT&HW RST
Table 3-152, “Global Flow Control Register,” on page 180 summarizes the GLOBAL_FLOW_THD
Register
Table 3-152.
Global Flow Control Register
3.7.2
QM_CTRL_REG
Address 0x0808
SFT&HW RST
PORT4 INGRESS RATE LIMIT
CONTROL REGISTER
0x0B40~0x0B48
HARD & SOFT
PORT5 INGRESS RATE LIMIT
CONTROL REGISTER
0x0B50~0x0B58
HARD & SOFT
PORT6 INGRESS RATE LIMIT
CONTROL REGISTER
0x0B60~0x0B68
HARD & SOFT
TO CPU FRAME REMAP PRIORITY
CONTROL REGISTER
0x0B70
HARD & SOFT
Table 3-151.
Parser Register Summary (continued)
Name
Address
Reset
Bit
R/W
Inital
Value
Mnemonic
Description
31:25
R/O
0
RESERVED
24:16
R/W
'h120
GOL_XON_THRES
Global base transmit on threshold.
When block memory used by all ports
less than this value, mac would send
out pause off frame, and link partner
will start transmit frame out.
15:9
R/O
0
RESERVED
8:0
R/W
'h188
GOL_XOFF_THRES
Global base transmit off threshold.
When block memory used by all ports
more than this value, mac would send
out pause on frame, and link partner
will stop transmit frame out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com