Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 203 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 203 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 199Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 200Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 201Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 202Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 203Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 204Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 205Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 206Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 207Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
203
3.7.21
PORT1_EG_RATE_CTRL0
Address 0x08B4
SFT&HW RST
Table 3-172, “Port 1 Rate Limit Control Register 0,” on page 203 summarizes the
PORT1_EG_RATE_CTRL0 Register 0
Table 3-172.
Port 1 Rate Limit Control Register 0
3.7.22
PORT1_EG_RATE_CTRL3
Address 0x08BC
SFT&HW RST
Table 3-173, “Port 1 Rate Limit Control Register 3,” on page 204 summerizes the
PORT1_EG_RATE_CTRL3 Register 3
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:16
R/W
0x7FFF
EG_PRI3_CIR_1
Egress Rate Limit for priority 3.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 3. if these bits
are set to 15'h0, no priority 3 frame
should be send out from this port.
15
R/O
0
RESERVED
14:0
R/W
0x7FFF
EG_PRI2_CIR_1
Egress Rate Limit for priority 2.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 2. if these bits
are set to 15'h0, no priority 2 frame
should be send out from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com