Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 210 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 210 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 206Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 207Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 208Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 209Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 210Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 211Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 212Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 213Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 214Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 394 page
background image
210 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
210 • June 2011
COMPANY CONFIDENTIAL
3.7.30
PORT2_EG_RATE_CTRL0
Address 0x08E8
SFT&HW RST
Table 3-181, “Port 2 Rate Limit Control Register 6,” on page 210 summarizes the
PORT2_EG_RATE_CTRL0 Register 6
Table 3-181.
Port 2 Rate Limit Control Register 6
15
R/O
0
RESERVED
14:0
R/W
0x7FFF
EG_PRI2_EIR _2
Egress Rate Limit for priority 2.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 2. if these bits
are set to 15'h0, no priority 2 frame
should be send out from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:28
R/W
0
EG_PRI3_CBS_2
Committed burst size for priority 3
27
R/O
0
RESERVED
26:24
R/W
0
EG_PRI3_EBS_2
Excess burst size for priority 3
23
R/O
0
RESERVED
22:20
R/W
0
EG_PRI2_CBS_2
Committed burst size for priority 2
19
R/O
0
RESERVED
18:16
R/W
0
EG_PRI2_EBS_2
Excess burst size for priority 2
15
R/O
0
RESERVED
14:12
R/W
0
EG_PRI1_CBS_2
Committed burst size for priority 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com