Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 220 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 220 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 216Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 217Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 218Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 219Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 220Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 221Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 222Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 223Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 224Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 394 page
background image
220 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
220 • June 2011
COMPANY CONFIDENTIAL
3.7.42
PORT4_EG_RATE_CTRL6
Address 0x0928
SFT&HW RST
Table 3-193, “Port 4 Rate Limit Control Register 6,” on page 220 summarizes the
PORT4_EG_RATE_CTRL6 Register 6
Table 3-193.
Port 4 Rate Limit Control Register 6
15
R/O
0
RESERVED
14:0
R/W
0x7FFF
EG_PRI2_EIR _4
Egress Rate Limit for priority 2.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 2. if these bits
are set to 15'h0, no priority 2 frame
should be send out from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:28
R/W
0
EG_PRI3_CBS_4
Committed burst size for priority 3
27
R/O
0
RESERVED
26:24
R/W
0
EG_PRI3_EBS_4
Excess burst size for priority 3
23
R/O
0
RESERVED
22:20
R/W
0
EG_PRI2_CBS_4
Committed burst size for priority 2
19
R/O
0
RESERVED
18:16
R/W
0
EG_PRI2_EBS_4
Excess burst size for priority 2
15
R/O
0
RESERVED
14:12
R/W
0
EG_PRI1_CBS_4
Committed burst size for priority 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com