Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 240 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 240 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 236Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 237Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 238Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 239Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 240Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 241Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 242Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 243Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 244Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 394 page
background image
240 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
240 • June 2011
COMPANY CONFIDENTIAL
3.7.64
PORT2_HOL_CTRL0
Address 0x0980
SFT&HW RST
Table 3-215, “Port 2 HOL Control Register 0,” on page 240 summerizes the PORT2_HOL_CTRL0
Register 0
Table 3-215.
Port 2 HOL Control Register 0
5:4
R/O
0
RESERVED
3:0
R/W
4'h6
ING_BUF_NUM_1
Buffer number is times of 4.
4'h0: 0
4'h1: no more than 4
4'h2: no more than 8
……
4'hF: no more than 60
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:30
R/O
0
RESERVED
29:24
R/W
0x2A
EG_PORT_QUEUE_NUM_2
Most buffer can be used for this port.
Buffer number is times of 4.
6'h0: 0
6'h1: no more than 4
6'h2: no more than 8
……
6'h3F: no more than 252
23:20
R/W
0x8
RESERVED
19:16
R/W
0x8
RESERVED
15:12
R/W
0x8
EG_PRI3_QUEUE_NUM_2
See bit [3:0]. This is for priority queue
3.
11:8
R/W
0x8
EG_PRI2_QUEUE_NUM_2
See bit [3:0]. This is for priority queue
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com