Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 252 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 252 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 248Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 249Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 250Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 251Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 252Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 253Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 254Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 255Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 256Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 394 page
background image
252 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
252 • June 2011
COMPANY CONFIDENTIAL
3.7.77
PORT3_FLOW_THD
Address 0x09BC
SFT&HW RST
Table 3-228, “Port 3 Flow Control Threshold Control Register,” on page 252 summerizes the
PORT3_FLOW_THD Register
Table 3-228.
Port 3 Flow Control Threshold Control Register
3.7.78
PORT4_FLOW_THD
Address 0x09C0
SFT&HW RST
Table 3-229, “Port 4 Flow Control Threshold Control Register,” on page 252 summerizes the
PORT4_FLOW_THD Register
Table 3-229.
Port 4 Flow Control Threshold Control Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23:16
R/W
'h3A
PORT_XON_THRES_3
Port base transmit on threshold. When
block memory used by one port less
than this value, mac would send out
pause off frame, and link partner will
start transmit frame out.
15:8
R/O
0
RESERVED
7:0
R/W
'h4A
PORT_XOFF_THRES_3
Port base transmit off threshold. When
block memory used by one port more
than this value, mac would send out
pause on frame, and link partner will
stop transmit frame out.
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23:16
R/W
'h3A
PORT_XON_THRES_4
Port base transmit on threshold. When
block memory used by one port less
than this value, mac would send out
pause off frame, and link partner will
start transmit frame out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com