Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 264 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 264 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 260Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 261Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 262Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 263Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 264Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 265Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 266Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 267Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 268Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 394 page
background image
264 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
264 • June 2011
COMPANY CONFIDENTIAL
3.7.90
ACL_RATE_CTRL0_3
Address 0x0A18
SFT&HW RST
Table 3-241, “ACL_3 Rate Control Register 0,” on page 264 summerizes the ACL_RATE_CTRL0_3
Register 0
Table 3-241.
ACL_3 Rate Control Register 0
3.7.91
ACL_RATE_CTRL1_3
Address 0x0A1C
SFT&HW RST
Table 3-242, “ACL_3 Rate Control Register 1,” on page 265 summerizes the ACL_RATE_CTRL1_3
Register 1
17:15
R/W
0
ACL_EBS_2
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ACL_EIR_2
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:18
R/O
0
RESERVED
17:15
R/W
0
ACL_CBS_3
Commited burst size for ingress rate
limit
14:0
R/W
0x7FFF
ACL_CIR_3
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com