Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 271 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 271 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 267Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 268Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 269Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 270Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 271Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 272Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 273Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 274Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 275Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
271
Table 3-251, “ACL_8 Rate Control Register 0,” on page 271 summerizes the ACL_RATE_CTRL0_8
Register 0
Table 3-251.
ACL_8 Rate Control Register 0
3.7.101 ACL_RATE_CTRL1_8
Address 0x0A44
SFT&HW RST)
Table 3-252, “ACL_8 Rate Control Register 1,” on page 271 summerizes the ACL_RATE_CTRL1_8
Register 1
Table 3-252.
ACL_8 Rate Control Register 1
Bit
R/W
Inital
Value
Mnemonic
Description
31:18
R/O
0
RESERVED
17:15
R/W
0
ACL_CBS_8
Commited burst size for ingress rate
limit
14:0
R/W
0x7FFF
ACL_CIR_8
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23
R/W
0
ACL_BORROW_EN_8
Borrow enable
22
R/W
0
ACL_RATE_UNIT_8
1: Packets/ 0: bytes
21
R/W
0
ACL_CF_8
Coupling flag for ingress rate limit
20
R/W
0
ACL_CM_8
Color mode for ingress rate limit
19:18
R/W
2'b01
ACL_RATE_TIME_SLOT_8
ACL Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com