Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 360 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 360 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 356Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 357Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 358Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 359Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 360Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 361Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 362Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 363Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 364Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 394 page
background image
360 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
360 • June 2011
COMPANY CONFIDENTIAL
3.10.17 Interrupt Enable Register
Address Offset: 0x12, or 0d18
Table 3-382, “Interrupt Enable Register,” on page 361 summarizes the Register
Table 3-382.
Interrupt Enable Register
6MDI Crossover
Status
Mode
RO
This status bit is valid only when Auto-Negotiation is
completed or Auto-Negotiation is disabled.
1 = MDIX
0 = MDI
HW Rst
0
SW Rst
Retain
5
Wirespeed
downgrade
Mode
RO
1 = Downgrade
0 = No Downgrade
HW Rst
0
SW Rst
0
4
Reserved
Mode
RO
Always 0
HW Rst
0
SW Rst
0
3
Transmit Pause
Enabled
Mode
RO
This is a reflection of the MAC pause resolution. This
bit is for information purposes and is not used by the
device.
This status bit is valid only when Auto-Negotiation is
completed or Auto-Negotiation is disabled.
1 = Transmit pause enabled
0 = Transmit pause disabled
HW Rst
0
SW Rst
0
2
Receive Pause
Enabled
Mode
RO
This is a reflection of the MAC pause resolution. This
bit is for information purposes and is not used by the
device.
This status bit is valid only when Auto-Negotiation is
completed or Auto-Negotiation is disabled.
1 = Receive pause enabled
0 = Receive pause disabled
HW Rst
0
SW Rst
Retain
1
Polarity (Real Time)
Mode
RO
1 = Reversed
0 = Normal
HW Rst
0
SW Rst
0
0
Jabber (Real Time)
Mode
RO
1 = Jabber
0 = No jabber
HW Rst
0
SW Rst
Retain
Bit
Symbol
Type
Description
Bit
Symbol
Type
Description
15
Auto-Negotiation
Error Interrupt
Enable
Mode
R/W
1 = Interrupt enable
0 = Interrupt disable
HW Rst
0
SW Rst
Retain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com