Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 368 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 368 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 364Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 365Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 366Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 367Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 368Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 369Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 370Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 371Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 372Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 394 page
background image
368 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
368 • June 2011
COMPANY CONFIDENTIAL
3.10.26 Debug Register — System Mode
Control
Address Offset: 0x03
2MANU_SWITC
H_ON
Mode
R/W
DAC amplitude adjustment
1 = add +6%
0 = no increase
HW Rst
1
SW Rst
Retain
1
RES
Mode
R/W
Reserved
HW Rst
1
SW Rst
Retain
0
RES
Mode
R/W
Reserved
HW Rst
0
SW Rst
Retain
Bit
Symbol
Type
Description
Table 3-391.
Debug Register — System Mode Control
Bit
Symbol
Type
Description
15
RESERVED
Mode
R/W
0
HW Rst
0
SW Rst
0
14
RESERVED
Mode
R/W
Reserved
HW Rst
0
SW Rst
Retain
13:9
RESERVED
Mode
R/W
Reserved
HW Rst
1
SW Rst
0
8
OUT_MDIO_S
W
Mode
R/W
Control the MDIO signal when POWER_DOWN mode is
high
1 = MDIO is 1
0 = MDIO is valid, driven by inner state
HW Rst
1
SW Rst
Retain
7:4
RESERVED
Mode
R/W
Reserved
HW Rst
4’b1111
SW Rst
Retain
3:0
RESERVED
Mode
R/W
Reserved
HW Rst
4’b1111
SW Rst
Retain
7:5
RESERVED
Mode
R/W
Reserved
HW Rst
1
SW Rst
Retain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com