Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 29 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 29 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 33Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
FS9721_LP1
Rev. 2.0
30/41
14.13 Current Measurement
The difference between Current Measurement(A)and Current Measurement(B) is as follow:
Mode
Mode
Current Measurement
(A)
Current Measurement
(B)
ADPC1 Open
ADPC1 connects to
VSS
Measureme
nt
Sampling
Resistanc
e
Measureme
nt
Sampling
Resistanc
e
A
40A
0.01Ω
40A
4A
0.01Ω
mA
400mA
40mA
10Ω
400mA
40mA
1Ω
μA
4000μA
400μA
1kΩ
4000μA
400μA
100Ω
Max.
Voltage
Reduction
4V
0.4V
J11
J10
uA/mA
10A
FS9721_LP1
0.5A/250V
10A/250V
COM
SMV
SGND
R17
990
R16
9.99
R29
0.01
SA
R18
10k
R20
900k
DT
R19
100k
J3
Diagram 26
Current Measurement(A)
In TSTB open mode, the current signal enters IC from R20.
When doing the current measurement,The sampling resistance of μA mode is (R16+R17+R29),
the sampling resistance of mA mode is (R16+R29) and the sampling resistance of 10A mode is R29.
They are measured respectivly through the mode switch. When measuring μA, J10 is open, J11 and
J3 is close; when measuring mA, J11 is open, J10 and J3 is close; when measuring the large
current by using 10A mode, J3 is close.
The maximum reduced voltage for μA, mA and 10A modes is 4V. These voltages are input
voltage comparator to compare. If the voltage is smaller than 400mV, the current signal is sent
directly to the A/D converter; if the voltage is larger than 400mV, the system will jump up one mode
and divide the voltage by R20 and R19, then send its 1/10 to the A/D converter.
The accuracy of resistor R16, R17, R29, R19 and R20 influence the accuracy of the current
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com