Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS9721_LP1 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
FS9721_LP1
Rev. 2.0
2/41
Contents
1.
DESCRIPTION ...........................................................................................................................................3
2.
FEATURES.................................................................................................................................................3
3.
MEASURABLE MODES.............................................................................................................................3
4.
APPLICATION ............................................................................................................................................4
5.
BLOCK DIAGRAM .....................................................................................................................................4
6.
PIN DIAGRAM............................................................................................................................................5
7.
PIN DESCRIPTION ....................................................................................................................................5
8.
DICE PAD LAYOUT & PAD COORDINATE ...............................................................................................8
9.
TECHNICAL SPECIFICATION (VDD=3V, TA=25℃
℃)................................................................................ 10
10. MEASUREMENT MODE SELECTION..................................................................................................... 12
11. KEYS DEFINITION................................................................................................................................... 14
12. OTHER FUNCTIONS ............................................................................................................................... 14
13. LCD DISPLAY .......................................................................................................................................... 16
14. APPLICATION DESCRIPTION ................................................................................................................ 17
15. PACKAGE OUTLINE................................................................................................................................ 37
16. DEMO BOARD ......................................................................................................................................... 38
17. ORDERING INFORMATION..................................................................................................................... 41
18. REVISION HISTORY ................................................................................................................................ 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com