Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 35 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 35 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 39Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
FS9721_LP1
Rev. 2.0
36/41
R9
90K
R8
10K
VR3
10K
_
+
RT2
1.8K
J2
RT3
100K
R18
10K
RT4
1M
VR4
10K
T6
K type
OP1O
TSTC
SGND
REFO
FS9721_LP1
RT1
100K
J1
Diagram 36
Temperature Measurement (2)
In the diagram, the connection of the thermocouple is more troublesome, but when the thermocouple is not
connected or damaged, it will display the indoor temperature.
1.In these figures, the Bipolar (T6) is used as a Diode. Since the VBE voltage of T6 decreases by 2~2.5mV as
the ambient temperature increases per 1 degree C, this characteristic is used for cold junction compensation.
Something to be addressed here is that:
Since the bandgap voltage is varied upon every single IC chips, and the mo
△
del used for T6 is different, so (
V/
°C) is also different, therefore, the cold junction compensation is different on each IC. So the RT1, RT2, RT3
and RT4 need to be adjusted properly.
2. The resistor VR4 in Figure 35 and Figure 36 is used to achieve the calibration at 0 degree C, while VR3 is
used to achieve the calibration at the high temperature (such as 100 degree C). Since the temperature
coefficient of the externally connected K-type thermocouple is 40uV/°C, we can adjust VR3 so that the
amplification of the OP is set to about 2.5 times.
3. Please note the following 2 aspects when using Figure 35:
1. Because the internal impedance of K-type thermocouple might affect the compensation voltage, we can
change RT2 and RT3 to 1.8K and 100K accordingly to minimize the influence.
2. When using voltage calibration, because of the calibrator’s internal impedance, it causes the
non-accuracy on calibration. Therefore, the best way to do this measurement is to input the voltage directly
across RT1. In other words, the positive voltage is connected to TSTC, and the negative end is connected to
the intersection of RT1 and RT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com