Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 21 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 21 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 25Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
FS9721_LP1
Rev. 2.0
20/41
14.4 Power System
C7
10μF
C3
10μF
C1
10μF
C8
10μF
C2
10μF
3V
BT1
REFI
REFO
VDDA
VB
VGG
CA
CB
VDD
AGND
VSS
FS9721_LP1
R10
40k
R7
20k
R2
200k
R3
82k
VR2
10k
RLCD
C16
0.1μF
Diagram 8
Power Circuit
2*VDD
3.9V
1.2V
0.4V
1.5V
1.5V
VGG
VDDA
REFO
REFI
VDD
AGND
VSS
FS9721_LP1
RLCD
3V
Diagram 9
Relative Voltage of Each Point
VB is the bias current input point in IC. The increase of R3 will reduce the current consumption in
IC, but the shortage of bias current will affect the input range of AC measurement.
AGND is the analog ground connection. Its value is equal to the middle point of battery voltage.
The point value is generated in the IC and cannot connect to the middle point of battery.
C7 and C8 are bypath capacitance, and also to make AGND regulated to VDD and VSS. C3 is
power pump capacitance. IC makes VDD voltage pass C3 to charge/discharge to rise VGG being
about double voltage of VDD.
VDDA is the output voltage after the regulation of VGG in the IC. It is about 3.9V that relative to
VSS.
REFO is the bandgap power source in the IC. It is about 1.2V that relative to AGND and has
100ppm/
stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com