Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 20 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 20 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 24Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
FS9721_LP1
Rev. 2.0
19/41
14.2
FS9721_LP1 Technical Pointer and Components Relationship
Network
Current Mode/10
(R20:R19=9:1)
AC Measurement
(R6+VR1,R13=R14)
Voltage
Reference
(R10,R7,VR2)
DC 400mV
R27
No
No
Yes
DC 4V
R26/(R27+R26)=1/10
No
No
Yes
DC 40V
R25/(R27+R25)=1/100
No
No
Yes
DC 400V
R24/(R27+R24)=1/1000
No
No
Yes
DC 1000V
R23/(R27+R23)=1/10000
No
No
Yes
AC 400mV
R26/(R27+R26)=1/10,
R9:R8=9:1
No
Yes
Yes
AC 4V
R26/(R27+R26)=1/10
No
Yes
Yes
AC 40V
R25/(R27+R25)=1/100
No
Yes
Yes
AC 400V
R24/(R27+R24)=1/1000
No
Yes
Yes
AC 1000V
R23/(R27+R23)=1/10000
No
Yes
Yes
R 400Ω
R27//R23=1kΩ
No
No
No
R 4kΩ
R27//R23=1kΩ
No
No
No
R 40kΩ
R27//R24=10kΩ
No
No
No
R 400kΩ
R27//R25=100kΩ
No
No
No
R 4MΩ
R27//R26=1MΩ
No
No
No
R 40MΩ
R27=10MΩ
No
No
No
DC 400μA
R16+R17+R29=1kΩ
No
No
Yes
DC 4000μA
R16+R17+R29=1kΩ
Yes
No
Yes
DC 40mA
R29+R16=10Ω
No
No
Yes
DC 400mA
R29+R16=10Ω
Yes
No
Yes
DC 10A
R29=0.01Ω
No
No
Yes
AC 400μA
R16+R17+R29=1kΩ
No
Yes
Yes
AC 4000μA
R16+R17+R29=1kΩ
Yes
Yes
Yes
AC 40mA
R29+R16=10Ω
No
Yes
Yes
AC 400mA
R29+R16=10Ω
Yes
Yes
Yes
AC 10A
R29=0.01Ω
No
Yes
Yes
CAP
R22
No
No
No
Diode
No
No
Yes
14.3 FS9721_LP1 (Diagram 6 and Diagram 7 ) Components List
NO.
SPEC.
NO.
SPEC.
NO.
SPEC.
NO.
SPEC.
NO.
SPEC.
R1
1MΩ
R13
22kΩ
R25
101.010kΩ
C7
10μF
VR2
10kΩ
R2
200kΩ
R14
22kΩ
R26
1.111MΩ
C8
10μF
VR3
10kΩ
R3
82kΩ
R15
100kΩ
R27
10.000MΩ
C9
0.47nF
LCD
LCD
C16
0.1μF
R16
9.99Ω
R28
1MΩ
C10
27nF
XTAL
4MHz
R5
100kΩ
R17
990Ω
R29
0.01Ω
C11
0.47nF
IC
FS9721_
LP1
R6
28.5kΩ
R18
1kΩ
R30
100kΩ
C12
27nF
Battery
1.5V×2
R7
20kΩ
R19
100kΩ
C1
10μF
C13
27nF
BP1
Buzzer
R8
10kΩ
R20
900kΩ
C2
10μF
C14
47nF
PTC
1kΩ
R9
90kΩ
R21
100kΩ
C3
10μF
C15
10μF
R10
40kΩ
R22
57.4kΩ
C4
10nF
D1
1N914
R11
100kΩ
R23
1.001kΩ
C5
4.7μF
D2
1N914
R12
100kΩ
R24
10.010kΩ
C6
27nF
VR1
2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com