Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 15 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 19Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
FS9721_LP1
Rev. 2.0
14/41
11. Keys DeTinition
11.1Range (Auto/Manual Measurement Switch)
Range key is the key to switch Auto/Manual Measurement and it acts in activation. The
default is Auto Measurement when power is on. To press one time, the system will switch
to Manual Measurement. In Manual Measurement mode, the system will jump one range
up when the key is pressed one time. If continue to press the key in the top range, the
system will jump to the lowest range, and recircle orderly. If press and hold the key over 2
seconds, the system will switch to Auto Measurement mode. The Hz/Duty Cycle cannot be
measured by Manual Measurement.
11.2Hold (Display Hold)
Hold key is the key to control Display Hold and it acts in activation. The functions are: hold
the display data. When the key is pressed, the display data will be locked and keep
unchanged; if press the key again, the system will be unlocked and enter the normal
measurement mode.
11.3Rel (Relative Value Measurement)
Rel key is the key to measure Relative Value and it acts in activation. All controls can
measure Relative Value except Hz/Duty, Diode and Continuity functions.
11.4BLCTR(Backlight Control)
BLCTR key is the key to control Backlight and it acts in activation. When press and hold
the key over 2 seconds will enable Backlight; press the key again, Backlight will disable.
11.5Select (Function Switch)
Select is the key to select the functions and it acts in activation. Use the key to select the
function to measure.
11.6Hz/Duty(Frequency/Duty Cycle)
Hz/Duty is the key to select Frequency/Duty Cycle and it acts in activation. In Frequency
Measurement Mode, press the key is to select Hz or Duty Measurement; in AC/DC Mode, press
the key is to select Voltage /Hz/Duty or Current/Hz/Duty Measurement Mode.
11.7Reset (Reset Key)
Reset is the key to reset the system and it acts in activation. Press the key is to reset the
microprocessor.
12. OtTer Functions
12.1Auto Power-off
In the process of measurement, if no any action is operated in 30 minutes for function keys
or function switch, the meter will be “Auto Power-Off” (Standby Mode). In Auto Power-Off
status, if the function keys are pressed or the function switch is activated, the meter will be
“Auto Power-On” (Working Mode).
If press and hold Select key to power on, Auto Power-Off function will be disabled.
12.2Buzzer
When press any key or turn any function switch, the buzzer will raise one sound (approx.
0.25 second 〜 1 second). When measuring AC Voltage>750V, DC Voltage>1000V,
AC/DC mA Current>4000μA, AC/DC μA Current >400.0mA, AC/DC Large Current >10A,
the buzzer will keep sounding as the overload warning. Approximate 1 minute before the
system is auto power off, the buzzer will raise constantly 5 sounds to warning. Before the
system is power off, the buzzer will raise 1 long sound to warning.
12.3Backlight
The system has the Backlight driver output function to control the Backlight circuit open
and close so as to provide the convenience of reading the value when in the dim light and
poor vision. When press the BLCTR key over 2 seconds, Backlight will open; when press



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com