Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
FS9721_LP1
Rev. 2.0
6/41
23
NC
Empty Pin
24
17
ONEM
I/O
Resistance 1.111MΩ Connect Point of Voltage and
Resistance Measurement
25
NC
Empty Pin
26
18
TENM
I/O
Resistance 10.000MΩ Connect Point of Voltage and
Resistance Measurement
27
19
CRES2
I/O
Regulating Capacitance Connect Point of Voltage and
Resistance Measurement
28
20
BLCTR
I
Backlight Output Control
29
21
ADPC1
I
Current Measurement Mode Select (See 12.4 and 14.13)
30
22
ADPC2
I
Measure Signals DC/AC Select (See 12.4)
31
23
SELECT
I
Measurement Function Selection
32
24
RANGE
I
Auto/Manual Measurement Selection
33
25
REL
I
Relative Value Measurement
34
26
HOLD
I
Display Hold
35
27
HZ/DUTY
I
Frequency/Duty Cycle Measurement Selection
36
28
CAP
I
Fully Manual Measurement Function Selection
37
29
MEA4
I
Measurement Function Selection
38
30
MEA3
I
Measurement Function Selection
39
31
MEA2
I
Measurement Function Selection
40
32
MEA1
I
Measurement Function Selection
41
33
LCDC1
I
Auto Measurement Is Not Used; For Manual Measurement,
②
See Note 3 and 8
in Page 12
42
34
LCDC2
I
Not Used
43
35
TSTA
I
Test Terminal
44
36
VSS
I
Negative Input of Power
45
NC
Empty Pin
46
37
AGND
I
Ground Connect Point of Analog Signal
47
NC
Empty Pin
48
38
VDD
I
Positive Input of Power
49
NC
Empty Pin
50
NC
Empty Pin
51
NC
Empty Pin
52
39
VB
I
Bias Current Input
53
NC
Empty Pin
54
40
CB
I/O
Negative Connect Point of Charge Pump Capacitance
55
41
CA
I/O
Positive Connect Point of Charge Pump Capacitance
56
42
VGG
I/O
Output of Charge Pump Circuit
57
NC
Empty Pin
58
43
VDDA
I/O
Output of the Regulated Voltage Power/ Power Source of
the Analog Circuit
59
44
RLCD
I
Connect Point of Adjust Resistance of the LCD Driver
Voltage
60
NC
Empty Pin
61
45
XIN
I
Oscillator Connect Point
62
46
XOUT
O
Oscillator Connect Point
63
NC
Empty Pin
64
47
TXD
O
PWR CTR (See Note 4 in Page 12)
65
NC
Empty Pin
66
48
SEG14
O
Segment 14
67
49
SEG13
O
Segment 13
68
50
SEG12
O
Segment 12
69
51
SEG11
O
Segment 11
70
52
SEG10
O
Segment 10
71
53
SEG9
O
Segment 9
72
54
SEG8
O
Segment 8
73
55
SEG7
O
Segment 7
74
56
SEG6
O
Segment 6
75
57
SEG5
O
Segment 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com