Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 18Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
FS9721_LP1
Rev. 2.0
13/41
10.2 Manual Measurement Mode Selection (MEA1〜MEA4, CAP is “1” for empty, and “0” for connect to
VSS)
CAP
MEA4
MEA3
MEA2
MEA
1
Function
Jumper
Select
Rel
Hz/Duty
Hold
0
0
0
0
1
400.0mV
J5
DC/AC
0
0
0
1
0
4.000V
J5
DC/AC
0
0
0
1
1
40.00V
J5
DC/AC
0
0
1
0
0
400.0V
J5
DC/AC
0
0
1
0
1
1000V
J5
DC/AC
0
0
1
1
1
Beeper
J4,J6
0
1
0
0
1
400.0Ω
J4,J6
0
1
0
1
0
4.000kΩ
J4,J6
0
1
0
1
1
40.00kΩ
J4,J6
0
1
1
0
0
400.0kΩ
J4,J6
0
1
1
0
1
4.000MΩ
J4,J6
0
1
1
1
0
40.00MΩ
J4,J6
0
1
1
1
1
Diode
J4,J6
1
0
0
0
1
4.000nF
J4,J6
1
0
0
1
0
40.00nF
J4,J6
1
0
0
1
1
400.0nF
J4,J6
1
0
1
0
0
4.000μF
J4,J6
1
0
1
0
1
40.00μF
J4,J6
1
0
1
1
0
200.0μF
J4,J6
1
0
1
1
1
hFE
J8
1
1
0
0
0
10.00A
J3
DC/AC
1
1
0
0
1
400.0mA
J3,J10
DC/AC
1
1
0
1
0
40.00mA
J3,J10
DC/AC
1
1
0
1
1
4000μA
J3,J11
DC/AC
1
1
1
0
0
400.0μA
J3,J11
DC/AC
1
1
1
0
1
Duty
J7,J9
1
1
1
1
0
Hz
J7,J9
1
1
1
1
1
J1,J2
Notes: 1. The following pin numbers are dice package numbers.
2. The “JX” in the form means it is connected in the common use diagram.
3. LCDC1 (pin33) connects to VSS.
4. PWR CTR: TXD (pin47).
Power On is “1”; Power Off is “0”. Provide the power control of external active components.
5. 400.0mV is input singly from ADP(pin7) so that makes the specification be better.
6. hFE is input 400.0mV from ADP(pin7) and AGND.
7. Temp. is input 40μV/
from TSTC(pin75) and AGND.
8. The difference between manual measurement and auto measurement:
CAP(pin28) pin and MEA4〜MEA1 are used together for select.
LCDC1(pin33) connects to VSS.
mV single mode is input from ADP.
Key control pins:
HOLD: pin26; Rel: pin25; Select: pin23; Back Light: pin20; Back light
Output: pin68.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com