Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 33 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 33 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 37Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
FS9721_LP1
Rev. 2.0
34/41
Capacitance measurement is to charge/discharge to measuring capacitance through R22 to
form a oscillation, then calculate the cycle of oscillation to get the capacitance value. To adjust R22
can calibrate the value in capacitance measurement. J4 and J6 are mode switches. When doing
capacitance measurement, J4 and J6 are close.
(In actual application, if the linearity is worse when doing 5.120nF measurement, you can take a
consideration of paralleling a proximate 1000pF capacitance in input end of capacitance
measurement during design. When doing the measurement, to press REL key and make the value
be zero before measuring. The linearity of the smaller measurement in capacitance mode will be
better.)
14.18 Frequency Measurement
ADP
SGND
R18
10k
R28
1M
COM
Hz
FS9721_LP1
R30
100k
J7
J9
PTC
1k
C15
10uF
Diagram 32
Frequency Measurement
14.19
Triode hFE Testing
16.5k
220k
VDDA
E
C
B
R30
100K
ADP
Diagram 33
PNP-type Triode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com