Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 11 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 11 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 15Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
FS9721_LP1
Rev. 2.0
10/41
9.
TecTnical TpeciTication TTDDT3TT TaT25
T
℃
℃
℃
℃
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VDD
Recommend Operation Power
Voltage
2.4
3.6
V
IDD
Supply Current
At DCV Mode
1.5
2
mA
IPO
Power Supply Current
At Power Off
10
μA
VIH
Digital Input High Voltage
VDD-0.5
V
VIL
Digital Input Low Voltage
0.5
V
Ipu
Pull up Current
Vin=0
5
10
μA
AGND
Analog Ground Voltage
VDD/2
-3%
VDD/
2
VDD/2
+3%
V
VDDA
Analog Power
3.4
3.7
4
V
VBAND
Build in Reference Voltage
Relative
to
AGND
1.1
1.25
1.4
V
Build
in
Reference
Voltage
Output Voltage Coefficient
VDD=2.4~3.6
-2000
+2000
ppm/V
REFI
Recommend
Reference
input
Voltage
Relative
to
AGND
0.44
V
VBATT
Low Battery Detector Voltage
2.25
2.4
2.55
V
FLCD
LCD Frame Frequency
32
Hz
VLCD
LCD Pk-Pk Driver Voltage
2.8
3
3.2
V
FBEEP
Beeper Frequency
2.7
kHz
FRS232
RS232 Baud Rate
2400
bitHz
IRSOUT
RS232 Output High Current
VOH=2V
2
mA
Zero Input Reading
DC ADPxl
Input=0V
-0.001
0.000
0.001
Linearity (Max. Deviation From
Best Straight Line Fit
DC ADPxl
Input,Full
Scal±240.0mV
-1
0
+1
Counts
AC
Measurement
Bandwidth
Error
AC ADPxl
Input240mVrms
20Hz~1kHz
0.2
%
Rcc
Continuity Check Value
10
60
Ohm
ADC Measurement O.L Display
Count
4050
Counts
Autorange Up Counts
4000
Counts
Autorange Down Counts
360
Counts
VFREA
Frequency Counter Input Level
(Hz/Duty Control)
VIL(Relative
to
AGND)
-60
mV
VIH(Relative to
AGND)
60
mV
FMAXA
Frequency Counter Max Input
frequency (Hz/Duty Control)
Vpp=±100mV
Square
Wave
Input
500k
Hz
*1
Duty Measurement Min Pulse
Width Error (Hz/Duty Control)
Vpp=±100mV
Square
Wave
Input
1
μS
VFRED
Frequency Counter Input Level
(MEAS=0101)
VIL(Relative
to
AGND)
-600
mV
VIH(Relative to
AGND)
600
mV
FMAXD
Frequency Counter Input Level
(MEAS=0101)
Vpp=±600mV
Square
Wave
Input
5M
Hz
*1
Duty Measurement Min Pulse
Width Error(MEAS=0101)
Vpp=±600mV
Square
Wave
Input
100
nS
Capacitor
Measurement
Accuracy
after
Zero
Input
Relative
5.120nF Mode
5%+25
Counts
51.20 nF Mode
2%+10
Counts
512.0 nF Mode
0.5%+3
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com