Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 32 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 32 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 36Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
FS9721_LP1
Rev. 2.0
33/41
14.16
Short Circuit Testing
J6
J4
FS9721_LP1
TENM
ONEK
SMV
SGND
AGND
PTC
1k
Continuity
COM
R27 10M
R23 1k
R20 900k
R18 10k
Rx
Diagram 30
Short Circuit Testing
Short circuit testing is proceeded in 400Ωresistance mode. 0.4V voltage (relative to AGND) is
generated by internal IC and output through R23, then add to short measuring point through PTC.
J4 and J6 are mode switch and are close during doing short circuit testing. Rx gets voltage VRx, and
input IC through R20. If Rx smaller than 50Ω, the beeper will sound.
14.17 Capacitance Measurement
R22
57.4k
R20
900k
R18
10k
RCAP
SMV
SGND
PTC
1k
Cap
COM
CX
FS9721_LP1
J4
J6
DO-
DO+
DO-
DO+
CMP
DO+
DO-
+
-
VDD
AGND
3/4VDD
1/4VDD
Typical Wave of Input End
3/4VDD
1/4VDD
VDD
Tdo
Diagram 31
Capacitance Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com