Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 28 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 28 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 32Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
FS9721_LP1
Rev. 2.0
29/41
14.12
Voltage Measurement
VR2
10k
PTC
1k
REFI
REFO
TENM
ONEM
HUNK
TENK
ONEK
SGND
FS9721_LP1
COM
V
V
R10 40k
R720k
R26
1.111M
R25 101.01k
R24
10k
R23 1k
R18 10k
R27 10M
Diagram 24
Voltage Measurement
When doing the voltage measurement, the measuring voltage is input from resistance R27, and
DCmV is not divided, but enter IC directly; 4V, 40V, 400V, 1000V mode is divided by R26, R25, R24,
R23 and R27 to gain 1/10, 1/100, 1/1000, 1/10000 voltage, then enter IC. To adjust the resistance
value of VR2 can do the calibration of measurement.
Voltage Division of Voltage Measurement Diagram is as below:
Vout=0.1V
Vout=0.1V
Vout=0.1V
Vout=0.1V
Vin=1V
Vin=10V
Vin=100V
Vin=1000V
R27
10M
R27
10M
R27
10M
R27
10M
R26
1.111M
R25
101.01k
R24
10k
R23
1k
Diagram 25
Voltage Division Circuit Diagram
The formula of voltage division is:
Vout=Vin × [Rs/ (R27+Rs )]
Rs is R26, R25, R24 or R23
Therefore, the accuracy of R23, R24, R25, R26 and R27 determine the accuracy of the
measurement.
AcmV enter IC through R27 and is divided by R26 and R27 to get 1/10 voltage, then is
amplified 10 times internal to fulfill the measurement, so the accuracy of R9 and R8 is also
determine the measuring accuracy of ACmV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com