Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 22 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 22 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 26Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
FS9721_LP1
Rev. 2.0
21/41
14.5 Power Supply Circuit
The different applications of user make different power supply methods. In some
measurements, sensor requires higher voltage such as OPAMP, Hale components and so on that it
is difficult to supply the power by 3V, then you can take some power supply methods as below.
10uF
10uF
3V
VDD
AGND
VSS
FS9721_LP1
Diagram 10
3V Power Supply
1uF
1uF
DC-TO-DC
10uF
4.5~9V
V+
V-
VDD
AGND
VSS
FS9721_LP1
Diagram 11
4.5V〜9V Power Supply
1uF
1uF
6V~12V
2V~2.4V
2V~2.4V
VDD
AGND
VSS
FS9721_LP1
V-
V+
Diagram 12
6V〜12V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com