Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS9721_LP1 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
FS9721_LP1
Rev. 2.0
3/41
1.
Description
FS9721_LP1 is a high performance, low power consumption, 3
3/4 digits (4000 Counts)
Analog/Digital Converter (ADC+MCU) that is embedded microprocessor. It contains 8 bit
microprocessor, low noise and high stability operation amplifier, AC conmutation operation
amplifier, voltage promotion and voltage regulated power source, high stability bandgap, auto
measurement switch and function control circuit, buzzer driver circuit, clock oscillator circuit,
Backlight display control circuit, LCD display driver circuit and so on.
Due to FS9721_LP1 is embedded microprocessor so that it can control the logic function
during passing I/O. Measurement functions can be combined differently by using MEA1〜MEA4
pins and CAP pin code; through the setting to the code can build the fully auto and manual
measurement meter. There are Range, Select, Hold, Rel, BLCTR, Hz/Duty and Reset keys so
that you can fulfil measurement selection, functions switch, data hold, Backlight display, relative
value, frequency and duty cycle measurement, reset and so on functions through these keys.
FS9721_LP1 also has auto power-off function. If there is no any action in 15 minutes for the
switch or keys of the meter, the system will enter the sleeping mode to save power.
FS9721_LP1 is embedded display driver circuit that is designed for driving LCD.
FS9721_LP1 is manufacted by large intergrated circuit technology that has rised hugely the
reliability of product and made the design be easy and the volume be small; the system takes 3V
power source of low consumption for battery supply that is fit especially to the palm mode meter.
FS9721_LP1 is a multi-measurement AC/DC converter that embedded the microprocessor.
Only less addition of external components, you can constitute a high accuracy, mult-function
and low cost meter.
2.
Features
2.1
Maximum Display: 4000 (3
3/4 digits).
2.2
Converter Rate: 3 times/sec.
2.3
Measurement Mode: Fully Auto/Manual.
2.4
The Negative Instruction: Auto.
2.5
Power Voltage Range: 2.4V〜3.6V.
2.6
Chip Power Consumption: ≤6mW.
2.7
Low Battery Warning: About 2.4 V.
2.8
Buzzer Driver Circuit (Frequency is about 2.7kHz).
2.9
Embedded OPAMP for DC/AC switch.
2.10 Function Keys: Range, Hold, Rel, Select, BLCTR, Hz/Duty, Reset.
2.11 Unit Symbol and Backlight Display.
2.12 Auto Power-off.
3.
Measurable Modes
3.1
DC Voltage: 400.0mV,4.000V,40.00V,400.0V,1000V.
3.2
AC Voltage: 400.0mV,4.000V,40.00V,400.0V,1000V.
3.3
DC: 400.0μA / 4000μA,40.00mA / 400.0mA,10.00A.
3.4
AC: 400.0μA / 4000μA,40.00mA / 400.0mA,10.00A.
3.5
Resistance: 400.0Ω,4.000kΩ,40.00kΩ,400.0kΩ,4.000MΩ,40.00MΩ.
3.6
Capacitance: 5.120nF,51.20nF,512.0nF,5.120μF,51.20μF,200.0μF(30Sec).
3.7
Frequency: 9.999Hz,99.99Hz,999.9Hz,9.999kHz,99.99kHz,999.9kHz,9.999MHz.
3.8
Duty Cycle: 0.1%〜99.9%.
3.9
Diode: 0V〜1.5 V.
3.10 Short Circuit Testing: Sound when lower than 50Ω.
3.11 Triode hFE: 0〜4000.
3.12 Temperature Measurement:
.
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com