Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
FS9721_LP1
Rev. 2.0
12/41
10. Measurement Mode Telection
10.1 Auto Measurement Mode Selection (MEA1〜MEA4 is “1” for empty, and “0” for connect to
VSS;
):
M
E
A
4
M
E
A
3
M
E
A
2
M
E
A
1
Measurement
Function and
Select Key
Function Switch
Hz/Duty
Rel
Range
Hold
Select
Jump
0
0
0
1
DCV
V/Hz/ Duty Switch
J5
0
0
1
0
ACV
V/Hz/Duty Switch
J5
0
1
0
0
Hz/Duty
Hz/Duty Switch
J7
J9
0
1
1
1
DCμA/AcμA
Switch
μA/Hz/Duty
Switch
J3
J11
1
0
0
0
ACV/DCV
Switch
V/Hz/Duty Switch
J5
1
0
1
0
ACA/DCA
Switch
A/Hz/Duty Switch
J3
1
0
1
1
DCmA/ACmA
Switch
mA/Hz/Duty
Switch
J3
J10
0
1
0
1
Cap
J4
J6
0
1
1
0
Diode
continuity
Switch
J4
J6
1
0
0
1
Ohm/Diode/Ca
p/ContinuitySwi
tch
Ohm●
J4
J6
0
0
1
1
Ohm
J4,J6
1
1
0
0
Diode
J4
J6
1
1
0
1
Continuity
J4
J6
1
1
1
0
hFE,
J8
1
1
1
1
Temp.
J1
J2,
Note:
The “JX” in Jump column means the JX of the measurement function is open circuit in the
diagram that common used by diagram 6 and 7.
In Auto mode, the mV Measurement of ACV mode can be selected only when the Range
key is pressed.
It input from ADP. The full measurement is 400mV, and no decimal.
It input from TSTC. The amplification of the OP is set to about 2.5 times.
In auto measurement mode, CAP, LCDC1 and LCDC2 are empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com