Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 31 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 31 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 35Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
FS9721_LP1
Rev. 2.0
32/41
14.14 Resistance Measurement
J6
J4
Ohm
COM
TENM
ONEM
HUNK
TENK
ONEK
SMV
SGND
FS9721_LP1
AGND
PTC
1k
CRES1
C13 27nF
R18 10k
R21 100k
R23 1k
R24 10k
R25 101.01k
R27 10M
R26 1.111M
Rx
R20 900k
RL
Diagram 28
Resistance Measurement
Resistance measurement refers to standard resistance, and then takes a comparison between
measuring resistance and standard resistance to get the measuring resistance value. The standard
resistance of 40MΩ mode is 10MΩ (R27). The standard resistance of other modes are to parallel
respectively R27 and R26, R25, R24, R23 to get 1MΩ, 100kΩ, 10kΩ, 1kΩ resistance. When doing
resistance measurement, internal IC will generate 0.4V voltage (relative to AGND), the voltage is
output respectively to measuring resistance through resistance R27 and R26, R25, R24, R23. R21
connects to RL. It is the negative end through the standard resistance to get the voltage reference.
J4 and J6 are mode switch. When doing resistance measurement, J4 and J6 are close.
C13 is the wave filter capacitance of measuring point in resistance measurement.
14.15 Diode Test
TENM
ONEK
SMV
DT
SGND
FS9721_LP1
J6
J4
VD
Diode
COM
PTC
1k
R27
10M
R18
10k
R19
100k
R20
900k
R23
1k
Diagram 29
Diode Measurement
Diode test is to generate 1.5V voltage from internal IC and output through R23, then add to the
positive of diode through PTC. The positive voltage reduction VDgenerated by diode is about
0.5V-0.7V. VD is divided by R20 and R19, and get 1/10 VD, then is amplified 10 times by internal
OP to display VD value. J4 and J6 are mode switch. When doing diode measurement, J4 and J6 are
close.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com