Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 41 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 41 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 39Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 40Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 41Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
FS9721_LP1
Rev. 2.0
42/41
18. Revision History
Ver.
Date
Page
Description
1.5
2004/04/09
31
1.
Change file name format from
“FS9721_LP1
Data
Sheet_V1.4.doc”
to
“FS9721_LP1_DataSheet_V15.doc”.
2.
Change page top and bottom space format.
3.
Add CR-004 on the bottom page space.
4.
Add ordering information.
1.6
2004/11/18
8
1.
Revise the Diagram 3 78PIN Dice.
31
Add revision history on the last page of the data sheet.
1.7
2005/07/8
8
Diagram 3 78PIN Dice in Ver. 1.6 is not correct. Revise it to the right
one.
31
Revise ordering information. Add Pb-free package part number.
1.8
2005/08/17
6,14
1.
Add description of ADPC1 and ADPC2.
10
1.
In the “9.Technical specification”, correct Capacitance measurement
mode 4000 counts for 5120counts.
19
1.
Delete diagram 11 “4.5V power supply “and diagram 12 “6.0V power
supply”, and modify serial number after them.
25
1.
Add
“Current Measurement(B)mode”.
28
1.
Add
description of “ Temperature Measurement”.
32~33
1.
In the 8 and 9, correct MEAS=1010 Ohm/Diode/Beep/CAP for
MEAS=1001 Ohm/Diode/Beep/CAP.
1.9
2006/03/23
15
Modify the lcd display table according to new lcd display table.
16-17
The Diagram 6 and Diagram 7,change the resistance R3 from
174K to 82K, the resistance R11 from 500K to 100K and the resistance
R18 from 10K to 1K.
19
The Diagram 8
Power Circuit, change the resistance R3 from 174K to
82K.
23
Modify the Diagram 22 (Peak Commutation Circuit) as full wave
rectification.
2.0
2014/05/22
2
Revised company address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com